note: all specifications are subject to change without notice. 16-3 16 features specifications industrial chassis - rackmount 4u height 19 rackmount chassis system fan x 2 support cool down cpu and key component temperature standard motherboard atx, micro atx standard ps2 at/atx or mini-redundant power supply 5.25 x 4 and 3.5/2.5 front access drive bay 3.5 x 2 internal drive bay dual lockable front doors for added protection usb2.0 x 2 and keyboard connector x 1 on front panel 4u rackmount chassis, industrial main board support system construction 1.2mm secc zinc-coated steel (japanese manufactured) storage external: 3.5 drive bay x 1 5.25 drive bay x 4 internal: 3.5 drive bay x 2 system fan 12 cm fan on front panel x 1, 8 cm fan on rear side x 1 front panel power on/off switch x 1 reset button x 1 power on led x 1 hard disk drive active led x 1 lan active led x 1 usb port x 2 ps/2 keyboard connector x 1 rear panel at keyboard connector x 1 reserved cut-out for db-25 connector x 1 color black dimensions 19 (w) x 7 (h) x 20.78 (d) (482mm x 177mm x 528mm) carton size 21.6 (w) x 12.4 (h) x 27 (d) (548mm x 315mm x 685mm) net weight 26.4 lb (12 kg) gross weight 30.8 lb (14 kg) environmental operating temperature 32f ~ 122f (0c ~ 50c) storage temperature -4f ~ 176f (-20c ~ 80c) operating humidity 10 ~ 90% storage humidity 10 ~ 90% @ 40c, non-condensing vibration 0.5 g rms/ 5 ~ 500 hz/ operation (2.5 hard disk drive) 1.5 g rms/ 5~ 500 hz/ non operation shock 15 g peak acceleration (11 m sec. duration), operation 30 g peak acceleration (11 m sec. duration), non operation emc ce/fcc class a air filter two usb ports keyboard connector 12cm fan four 5.25 and one 3.5 or 2.5 drive bays two internal 3.5 drive bays supports standard motherboard form factors ARC-645M
16-4 dimension unit: mm p/n description remark tf-ARC-645M-b rackmount 4u chassis, bare for motherboard & ps2 power, ps_sw (atx), black ordering information cpu card cpu level remark tf-imba-967 socket lga1155, intel? core? i3/i5/i7 cpu, tdp 95w recommend with min 400w power supply tf-imba-910 socket lga775, intel? pentium? d/ core? 2 duo cpu, tdp 95w recommend with min 400w power supply tf-imba-880 socket lga775, intel? pentium? 4/ celeron? d cpu, tdp 95w recommend with min 400w power supply tf-imbm-935 socket lga775, intel? core? 2 duo/ core? 2 quad, tdp 95w recommend with min 400w power supply tf-imbm-700 via c7? 1.0 ghz onboard (fsb 400 mhz) industrial motherboard options ARC-645M power supply options p/n type pfc support input voltage watt size 1757940014 atx active pfc auto 100-240v 400w ps2 d i s c r e s e t d i s c d i s c d i s c
|